|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS .eatures x IDT71V321S/L IDT71V421S/L x x High-speed access - Commercial: 25/35/55ns (max.) - Industrial: 25ns (max.) Low-power operation - IDT71V321/IDT71V421S -- Active: 325mW (typ.) -- Standby: 5mW (typ.) - IDT71V321/V421L -- Active: 325mW (typ.) -- Standby: 1mW (typ.) Two INT flags for port-to-port communications x x x x x x x x MASTER IDT71V321 easily expands data bus width to 16or-more-bits using SLAVE IDT71V421 On-chip port arbitration logic (IDT71V321 only) BUSY output flag on IDT71V321; BUSY input on IDT71V421 Fully asynchronous operation from either port Battery backup operation--2V data retention (L only) TTL-compatible, single 3.3V power supply Available in 52-pin PLCC, 64-pin TQFP and STQFP packages Industrial temperature range (-40C to +85C) is available for selected speeds .unctional Block Diagram OEL CEL R/WL OER CER R/WR I/O0L- I/O7L I/O Control BUSYL (1,2) I/O0R-I/O7R I/O Control BUSYR A10R A0R (1,2) A10L A0L Address Decoder 11 MEMORY ARRAY 11 Address Decoder CEL OEL R/WL ARBITRATION and INTERRUPT LOGIC CER OER R/WR INTL (2) INTR 3026 drw 01 (2) NOTES: 1. IDT71V321 (MASTER): BUSY is an output. IDT71V421 (SLAVE): BUSY is input. 2. BUSY and INT are totem-pole outputs. AUGUST 2001 1 (c)2001 Integrated Device Technology, Inc. DSC-3026/8 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Description The IDT71V321/IDT71V421 are high-speed 2K x 8 Dual-Port Static RAMs with internal interrupt logic for interprocessor communications. The IDT71V321 is designed to be used as a stand-alone 8-bit Dual-Port RAM or as a "MASTER" Dual-Port RAM together with the IDT71V421 "SLAVE" Dual-Port in 16-or-more-bit memory system applications results in full speed, error-free operation without the need for additional discrete logic. The device provides two independent ports with separate control, address, and I/O pins that permit independent, asynchronous access for reads or writes to any location in memory. An automatic power down feature, controlled by CE, permits the on chip circuitry of each port to enter a very low standby power mode. Fabricated using IDT's CMOS high-performance technology, these devices typically operate on only 325mW of power. Low-power (L) versions offer battery backup data retention capability, with each DualPort typically consuming 200W from a 2V battery. The IDT71V321/IDT71V421 devices are packaged in a 52-pin PLCC, a 64-pin TQFP (thin quad flatpack), and a 64-pin STQFP (super thin quad flatpack). Pin Configurations(1,2,3) INDEX A1L A 2L A 3L A 4L A 5L A 6L A 7L A 8L A 9L I/O 0L I/O 1L I/O 2L I/O 3L 87 6 5 4 3 2 1 52 51 50 49 48 47 46 45 9 44 10 43 11 42 12 IDT71V321/421J 41 13 J52-1(4) 40 14 52-Pin PLCC 39 15 Top View(5) 38 16 37 17 36 18 19 35 20 34 21 22 23 24 25 26 27 28 29 30 31 32 33 V CC CER R/WR BUSYR INTR A10R OER A 0R A 1R A 2R A 3R A 4R A 5R A 6R A 7R A 8R A 9R NC I/O7R , 3026 drw 02 I/O 4L I/O 5L I/O 6L I/O 7L NC GND I/O0R I/O1R I/O2R I/O3R I/O4R I/O5R I/O6R INTL BUSYL R/WL CEL A 0L OEL A 10L INDEX 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 N/C N/C A10L INTL BUSYL R/W L CEL VCC VCC CER R/WR BUSYR INTR A10R N/C N/C NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground supply. 3. J52-1 package body is approximately .75 in x .75 in x .17 in. PP64-1 package body is approximately 10mm x 10mm x 1.4mm. PN64-1 package body is approximately 14mm x 14mm x 1.4mm. 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking. OEL A0L A1L A 2L A3L A4L A 5L A6L N/C A7L A8L A9L N/C I/O0L I/O1L I/O2L 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 IDT71V321/421PF or TF PP64-1(4) & PN64-1(4) 64-Pin STQFP 64-Pin TQFP Top View(5) 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 OER A 0R A 1R A 2R A 3R A 4R A 5R A 6R N/C A 7R A 8R A 9R N/C N/C I/O7R I/O 6R I/O3L N/C I/O 4L I/O 5L I/O 6L I/O 7L N/C GND GND I/O0R I/O1R I/O2R I/O3R N/C I/O4R I/O5R 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 3026 drw 03 2 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Absolute Maximum Ratings(1) Symbol VTERM(2) Rating Terminal Voltage with Respect to GND Operating Temperature Temperature Under Bias Storage Temperature DC Output Current Commercial & Industrial -0.5 to +4.6 Unit V Recommended Operating Temperature and Supply Voltage(1,2) Grade Commercial Industrial Ambient Temperature 0OC to +70OC -40OC to +85OC GND 0V 0V Vcc 3.3V + 0.3V 3.3V + 0.3V 3026 tbl 02 TA TBIAS TSTG IOUT 0 to +70 -55 to +125 -65 to +150 50 C o C C o NOTES: 1. This is the parameter TA. This is the "instant on" case temperature. 2. Industrial temperature: for specific speeds, packages and powers contact your sales office. mA 3026 tbl 01 Recommended DC Operating Conditions Symbol VCC GND VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 3.0 0 2.0 -0.3 (1) NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed VCC + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > VCC + 10%. Typ. 3.3 0 ____ ____ Max. 3.6 0 VCC+0.3 0.8 (2) Unit V V V V 3026 tbl 03 Capacitance(1) Symbol CIN COUT NOTES: 1. VIL (min.) = -1.5V for pulse width less than 20ns. 2. VTERM must not exceed Vcc + 0.3V. (TA = +25C, f = 1.0MHz) TQ.P Only Parameter Input Capacitance Output Capacitance Conditions(2) VIN = 3dV VOUT = 3dV Max. 9 10 Unit pF pF 3026 tbl 04 NOTES: 1. This parameter is determined by device characterization but is not production tested. 2. 3dv references the interpolated capacitance when the input and output signals switch from 0V to 3V or from 3V to 0V. DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (VCC = 3.3V 0.3V) 71V321S 71V421S Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current (1) 71V321L 71V421L Min. ___ Test Conditions VCC = 3.6V, VIN = 0V to VCC CE = VIH, VOUT = 0V to VCC VCC = 3.6V IOL = 4mA IOH = -4mA Min. ___ Max. 10 10 0.4 ___ Max. 5 5 0.4 ___ Unit A A V V 3026 tbl 05 Output Leakage Current Output Low Voltage Output High Voltage ___ ___ ___ ___ 2.4 2.4 NOTE: 1. At VCC < 2.0V input leakages are undefined. 3 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1,2) (VCC = 3.3V 0.3V) 71V321X25 71V421X25 Com'l & Ind Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Test Condition CE = VIL, Outputs Disabled SEM = VIH f = fMAX(3) Version COM'L IND COM'L IND COM'L IND COM'L IND COM'L IND S L S L S L S L S L S L S L S L S L S L Typ. 55 55 55 55 15 15 15 15 25 25 25 25 1.0 0.2 1.0 0.2 25 25 25 25 Max. 130 100 150 130 35 20 50 35 75 55 95 75 5 3 10 6 70 55 85 70 71V321X35 71V421X35 Com'l Only Typ. 55 55 ___ 71V321X55 71V421X55 Com'l Only Typ. 55 55 ___ Max. 125 95 ___ Max. 115 85 ___ Unit mA ISB1 Standby Current (Both Ports - TTL Level Inputs) CER = CEL = VIH SEMR = SEML = VIH f = fMAX(3) 15 15 ___ 35 20 ___ 15 15 ___ 35 20 ___ mA ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH (5) Active Port Outputs Disabled, f=fMAX(3) SEMR = SEML = VIH Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3) 25 25 ___ 70 50 ___ 25 25 ___ 60 40 ___ mA ISB3 Full Standby Current (Both Po rts - All CMOS Level Inputs) 1.0 0.2 ___ 5 3 ___ 1.0 0.2 ___ 5 3 ___ mA ISB4 Full Standby Current (One Port - All CMOS Level Inputs) 25 25 ___ 65 50 ___ 25 25 ___ 55 40 ___ mA 3026 tbl 06 NOTES: 1. 'X' in part numbers indicates power rating (S or L). 2. VCC = 3.3V, TA = +25C, and are not production tested. ICCDC = 70mA (Typ.). 3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC and using "AC Test Conditions" of input levels of GND to 3V. 4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby. 5. Port "A" may be either left or right port. Port "B" is opposite from port "A". Data Retention Characteristics (L Version Only) Symbol VDR ICCDR tCDR (3) Parameter VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time VCC = 2V, CE > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V COM'L. IND. Test Condition Min. 2.0 ___ Typ. ___ (1) Max. 0 1500 4000 ___ Unit V A A V V 3026 tbl 07 100 100 ___ ___ 0 tR (3) tRC (2) ___ ___ NOTES: 1. VCC = 2V, TA = +25C, and is not production tested. 2. tRC = Read Cycle Time. 3. This parameter is guaranteed by device characterization but not production tested. 4 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges AC Test Conditions Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 5ns 1.5V 1.5V Figures 1 and 2 3026 tbl 08 Data Retention Waveform DATA RETENTION MODE VDR 2.0V VCC 3.0V tCDR 3.0V tR CE VIH VDR VIH 3026 drw 04 , 3.3V 590 DATAOUT BUSY INT 435 DATAOUT 30pF 435 3.3V 590 5pF 3026 drw 05 Figure 1. AC Output Test Load Figure 2. Output Test Load (for tHZ, tLZ, tWZ, and tOW) * Including scope and jig. AC Electrical Characteristics Over the Operating Temperature Supply Voltage Range(2) 71V321X25 71V421X25 Com 'l & Ind Sym bol READ CYCLE tRC tAA tACE tAOE tOH tLZ tHZ tPU tPD Read Cycle Time Address Access Time Chip Enable Access Time Output Enable Access Time Output Hold from Address Change Output Low-Z Time (1,2) 71V321X35 71V421X35 Com 'l Only Min. Max. 71V321X55 71V421X55 Com 'l Only Min. Max. Unit Param eter Min. Max. 25 ____ ____ ____ ____ 35 ____ ____ ____ ____ 55 ____ ____ ____ ____ ns ns ns ns ns ns ns ns ns 3026 tbl 09 25 25 12 ____ ____ 35 35 20 ____ ____ 55 55 25 ____ ____ 3 0 ____ 3 0 ____ 3 0 ____ Output High-Z Time (1,2) Chip Enable to Power Up Time (2) Chip Disable to Power Down Time (2) 12 ____ 15 ____ 30 ____ 0 ____ 0 ____ 0 ____ 50 50 50 NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested. 3. 'X' in part numbers indicates power rating (S or L). 5 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Timing Waveform of Read Cycle No. 1, Either Side(1) tRC ADDRESS tAA tOH DATAOUT BUSYOUT tBDD (2,3) 3026 drw 06 tOH DATA VALID PREVIOUS DATA VALID NOTES: 1. R/W = VIH, CE = VIL, and is OE = VIL. Address is valid prior to the coincidental with CE transition LOW. 2. tBDD delay is required only in the case where the opposite port is completing a write operation to the same address location. For simultaneous read operations BUSY has no relationship to valid output data. 3. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD. Timing Waveform of Read Cycle No. 2, Either Side (3) tACE CE tAOE OE tLZ (1) DATAOUT tLZ ICC CURRENT ISS tPU 50% (1) (4) tHZ (2) tHZ VALID DATA tPD (4) (2) 50% 3026 drw 07 NOTES: 1. Timing depends on which signal is asserted last, OE or CE. 2. Timing depends on which signal is de-asserted first, OE or CE. 3. R/W = VIH and the address is valid prior to or coincidental with CE transition LOW. 4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD. 6 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(4) 71V321X25 71V421X25 Com'l & Ind Symbol WRITE CYCLE tWC tEW tAW tAS tWP tWR tDW tHZ tDH tWZ tOW Write Cycle Time (5) Chip Enable to End-of-Write Address Valid to End-of-Write Address Set-up Time Write Pulse Width Write Recovery Time Data Valid to End-of-Write Output High-Z Time Data Hold Time (3) Write Enable to Output in High-Z Output Active from End-of-Write (1,2) (1,2) 71V321X35 71V421X35 Com'l Only Min. Max. 71V321X55 71V421X55 Com'l Only Min. Max. Unit Parameter Min. Max. 25 20 20 0 20 0 12 ____ ____ 35 30 30 0 30 0 20 ____ ____ 55 40 40 0 40 0 20 ____ ____ ns ns ns ns ns ns ns ns ns ns ns 3026 tbl 10 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 12 ____ 15 ____ 30 ____ 0 ____ 0 ____ 0 ____ 15 ____ 15 ____ 30 ____ (1,2) 0 0 0 NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization but is not production tested. 3. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and temperature, the actual tDH will always be smaller than the actual tOW. 4. 'X' in part numbers indicates power rating (S or L). 5. For Master/Slave combination, tWC = tBAA + tWP, since R/W = VIL must occur after tBAA. 7 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Timing Waveform of Write Cycle No. 1, (R/W Controlled Timing)(1,5,8) tWC ADDRESS tHZ (7) OE tAW CE tAS(6) R/W tWZ (7) DATAOUT (4) tWP(2) tWR (3) tOW tHZ (7) (4) tDW DATAIN tDH 3026 drw 08 Timing Waveform of Write Cycle No. 2, (CE Controlled Timing)(1,5) tWC ADDRESS tAW CE tAS (6) R/W tDW DATA IN 3026 drw 09 tEW (2) tWR (3) tDH NOTES: 1. R/W or CE must be HIGH during all address transitions. 2. A write occurs during the overlap (tEW or tWP) of CE = VIL and R/W= VIL. 3. tWR is measured from the earlier of CE or R/W going HIGH to the end of the write cycle. 4. During this period, the l/O pins are in the output state and input signals must not be applied. 5. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state. 6. Timing depends on which enable signal (CE or R/W) is asserted last. 7. This parameter is determined to be device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure 2). 8. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the bus for the required tDW. If OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP. 8 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(6) 71V321X25 71V421X25 Com'l & Ind Symbol BUSY Timing (For Master IDT71V321 Only) tBAA tBDA tBAC tBDC tWH tWDD tDDD tAPS tBDD BUSY Access Time from Address BUSY Disable Time from Address BUSY Access Time from Chip Enable BUSY Disable Time from Chip Enable Write Hold After BUSY(5) Write Pulse to Data Delay (1) (1) ____ ____ ____ ____ 71V321X35 71V421X35 Com'l Only Min. Max. 71V321X55 71V421X55 Com'l Only Min. Max. Unit Parameter Min. Max. 20 20 20 20 ____ ____ ____ ____ ____ 20 20 20 20 ____ ____ ____ ____ ____ 30 30 30 30 ____ ns ns ns ns ns ns ns ns ns 12 ____ ____ 15 ____ ____ 20 ____ ____ 50 35 ____ 60 45 ____ 80 65 ____ Write Data Valid to Read Data Delay Arbitration Priority Set-up Time BUSY Disable to Valid Data (3) (2) 5 ____ 5 ____ 5 ____ 30 30 45 BUSY Timing (For Slave IDT71V421 Only) tWB tWH tWDD tDDD BUSY Input to Write (4) Write Hold After BUSY (5) (1) 0 12 ____ ____ ____ ____ 0 15 ____ ____ ____ ____ 0 20 ____ ____ ____ ____ ns ns ns ns 3026 tbl 11 Write Pulse to Data Delay 50 35 60 45 80 65 Write Data Valid to Read Data Delay (1) NOTES: 1. Port-to-port delay through RAM cells from the writing port to the reading port, refer to "Timing Waveform of Write with Port-to-Port Read and BUSY." 2. To ensure that the earlier of the two ports wins. 3. tBDD is a calculated parameter and is the greater of 0, tWDD - tWP (actual) or tDDD - tDW (actual). 4. To ensure that a write cycle is inhibited on port "B" during contention on port "A". 5. To ensure that a write cycle is completed on port "B" after contention on port "A". 6. 'X' in part numbers indicates power rating (S or L). Timing Waveform of Write with Port-to-Port Read and BUSY(2,3,4) tWC ADDR"A" MATCH tWP R/W"A" tDW DATAIN"A" tAPS ADDR"B" tBAA BUSY"B" tWDD DATAOUT"B" VALID tDDD (1) tDH VALID MATCH tBDA tBDD NOTES: 1. To ensure that the earlier of the two ports wins. tAPS is ignored for SLAVE (71V421). 2. CEL = CER = VIL 3. OE = VIL for the reading port. 4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is opposite from port "A". 3026 drw 10 9 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Timing Waveform of Write with BUSY(4) tWP R/W"A" tWB(3) BUSY"B" tWH R/W"B" (2) (1) , NOTES: 1. tWH must be met for both BUSY input (71V421, slave) or output (71V321, master). 2. BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes HIGH. 3. tWB is for the slave version (71V421). 4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is oppsite from port "A". 3026 drw 11 Timing Waveform of BUSY Arbitration Controlled by CE Timing(1) ADDR "A" AND "B" CE"B" tAPS(2) CE"A" tBAC BUSY"A" 3026 drw 12 ADDRESSES MATCH tBDC Timing Waveform of BUSY Arbritration Controlled by Address Match Timing(1) tRC ADDR"A" tAPS ADDR"B" tBAA BUSY"B" 3026 drw 13 (2) OR tWC ADDRESSES DO NOT MATCH ADDRESSES MATCH tBDA NOTES: 1. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (71V321 only). 10 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges AC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1) 71V 321X25 71V 421X25 Com 'l & Ind Sym bol INTERRUPT TIM ING tAS tWR tINS tINR A d d re s s S et-up Tim e W rite Rec o v e ry Tim e Inte rrup t S e t Tim e Inte rrup t Re se t Tim e 0 0 ____ ____ ____ ____ 71V 321X35 71V 421X35 Com 'l Only M in. M ax. 71V 321X55 71V 421X55 Com 'l Only M in. M ax. Unit Param eter M in. M ax. 0 0 ____ ____ ____ ____ 0 0 ____ ____ ____ ____ ns ns ns ns 3026 tbl 12 25 25 25 25 45 45 NOTES: 1. 'X' in part numbers indicates power rating (S or L). Timing Waveform of Interrupt Mode(1) SET INT tWC ADDR"A" INTERRUPT ADDRESS tAS (3) R/W"A" tINS (3) INT"B" 3026 drw 14 (2) tWR(4) CLEAR INT tRC ADDR"B" tAS(3) OE"B" tINR(3) INT"A" 3026 drw 15 INTERRUPT CLEAR ADDRESS(2) NOTES:. 1. All timing is the same for left and right ports. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 2. See Interrupt Truth Table. 3. Timing depends on which enable signal (CE or R/W) is asserted last. 4. Timing depends on which enable signal (CE or R/W) is de-asserted first. 11 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Truth Tables Table I. Non-Contention Read/Write Control(4) Left or Right Port(1) R/W X X L H H CE H H L L L OE X X X L H D0-7 Z Z DATAIN DATAOUT Z Function Port Deselected and in PowerDown Mode. ISB2 or ISB4 CER = CEL = VIH, Power-Down Mode ISB1 or ISB3 Data on Port Written Into Memory (2) Data in Memory Output on Port(3) High-impedance Outputs 3026 tbl 13 NOTES: 1. A0L - A10L A0R - A10R. 2. If BUSY = L, data is not written. 3. If BUSY = L, data may not be valid, see tWDD and tDDD timing. 4. 'H' = VIH, 'L' = VIL, 'X' = DON'T CARE, 'Z' = High-impedance. Table II. Interrupt .lag(1,4) Left Port R/WL L X X X CEL L X X L OEL X X X L A10L-A0L 7FF X X 7FE INTL X X L(3) H (2) Right Port R/WR X X L X CER X L L X OER X L X X A10R-A0R X 7FF 7FE X INTR L(2) H (3) Function Set Right INTR Flag Reset Right INTR Flag Set Left INTL Flag Reset Left INTL Flag 3026 tbl 14 X X NOTES: 1. Assumes BUSYL = BUSYR = VIH 2. If BUSYL = VIL, then No Change. 3. If BUSYR = VIL, then No Change. 4. 'H' = HIGH, 'L' = LOW, 'X' = DON'T CARE Table III Address BUSY Arbitration Inputs CEL X H X L CER X X H L AOL-A10L AOR-A10R NO MATCH MATCH MATCH MATCH Outputs BUSYL(1) H H H (2) BUSYR(1) H H H (2) Function Normal Normal Normal Write Inhibit(3) 3026 tbl 15 NOTES: 1. Pins BUSYL and BUSYR are both outputs for IDT71V321 (master). Both are inputs for IDT71V421 (slave). BUSYX outputs on the IDT71V321 are totem-pole. On slaves the BUSYX input internally inhibits writes. 2. 'L' if the inputs to the opposite port were stable prior to the address and enable inputs of this port. 'H' if the inputs to the opposite port became stable after the address and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously. 3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when BUSYR outputs are driving LOW regardless of actual logic level on the pin. 12 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges .unctional Description The IDT7V1321/IDT71V421 provides two ports with separate control, address and I/O pins that permit independent access for reads or writes to any location in memory. The IDT71V321/IDT71V421 has an automatic power down feature controlled by CE. The CE controls on-chip power down circuitry that permits the respective port to go into a standby mode when not selected (CE = VIH). When a port is enabled, access to the entire memory array is permitted. being expanded in depth, then the BUSY indication for the resulting array requires the use of an external AND gate. Width Expansion with Busy Logic Master/Slave Arrays Interrupts If the user chooses the interrupt function, a memory location (mail box or message center) is assigned to each port. The left port interrupt flag (INTL) is asserted when the right port writes to memory location 7FE (HEX), where a write is defined as the CER = R/WR = VIL per Truth Table II. The left port clears the interrupt by accessing address location 7FE when CEL = OEL = VIL, R/W is a "don't care". Likewise, the right port interrupt flag (INTR) is asserted when the left port writes to memory location 7FF (HEX) and to clear the interrupt flag (INTR), the right port must access the memory location 7FF. The message (8 bits) at 7FE or 7FF is user-defined, since it is an addressable SRAM location. If the interrupt function is not used, address locations 7FE and 7FF are not used as mail boxes, but as part of the random access memory. Refer to Truth Table II for the interrupt operation. When expanding an SRAM array in width while using BUSY logic, one master part is used to decide which side of the SRAM array will receive a BUSY indication. Any number of slaves to be addressed in the same address range as the master, use the BUSY signal as a write inhibit signal. Thus on the IDT71V321/IDT71V421 SRAMs the BUSY pin is an output if the part is Master (IDT71V321), and the BUSY pin is an input if the part is a Slave (IDT71V421) as shown in Figure 3. DECODER BUSYR 3026 drw 16 MASTER Dual Port RAM BUSYL CE BUSYR SLAVE Dual Port RAM BUSYL CE BUSYR MASTER Dual Port RAM BUSYL BUSYL CE BUSYR SLAVE Dual Port RAM BUSYL CE BUSYR Busy Logic Busy Logic provides a hardware indication that both ports of the RAM have accessed the same location at the same time. It also allows one of the two accesses to proceed and signals the other side that the RAM is "Busy". The BUSY pin can then be used to stall the access until the operation on the other side is completed. If a write operation has been attempted from the side that receives a busy indication, the write signal is gated internally to prevent the write from proceeding. The use of BUSY Logic is not required or desirable for all applications. In some cases it may be useful to logically OR the BUSY outputs together and use any BUSY indication as an interrupt source to flag the event of an illegal or illogical operation. The BUSY outputs on the IDT71V321 RAM master are totem-pole type outputs and do not require pull-up resistors to operate. If these RAMs are Figure 3. Busy and chip enable routing for both width and depth expansion with IDT71V321 (Master) and (Slave) IDT71V421 RAMs. If two or more master parts were used when expanding in width, a split decision could result with one master indicating BUSY on one side of the array and another master indicating BUSY on one other side of the array. This would inhibit the write operations from one port for part of a word and inhibit the write operations from the other port for the other part of the word. The BUSY arbitration, on a Master, is based on the chip enable and address signals only. It ignores whether an access is a read or write. In a master/slave array, both address and chip enable must be valid long enough for a BUSY flag to be output from the master before the actual write pulse can be initiated with either the R/W signal or the byte enables. Failure to observe this timing can result in a glitched internal write inhibit signal and corrupted data in the slave. 13 6.42 IDT71V321/71V421S/L High Speed 3.3V 2K x 8 Dual-Port Static RAM with Interrupts Industrial and Commercial Temperature Ranges Ordering Information IDT XXXX A Device Type Power 999 Speed A Package A Process/ Temperature Range Blank I(1) Commercial (0C to +70C) Industrial (-40C to +85C) J PF TF 25 35 55 52-pin PLCC (J52-1) 64-pin TQFP (PN64-1) 64-pin STQFP (PP64-1) Commercial & Industrial Commercial Only Commercial Only Speed in nanoseconds L S 71V321 71V421 Low Power Standard Power 16K (2K x 8-Bit) MASTER 3.3V Dual-Port RAM w/ Interrupt 16K (2K x 8-Bit) SLAVE 3.3V Dual-Port RAM w/ Interrupt 3026 drw 17 NOTE: 1. Contact your sales office Industrial temperature range is available for selected speeds, packages and powers. Datasheet Document History 03/24/99: Initiated datasheet document history Converted to new format Cosmetic and typographical corrections Page 2 Added additional notes to pin configurations Changed drawing format Page 12 Changed open drain to totem-pole in Table III, note 1 Page 13 Deleted 'does not' in copy from Busy Logic Replaced IDT logo Pages 1 & 2 Moved full "Description" to page 2 and adjusted page layouts Page 3 Increased storage temperature parameters Clarified TA parameter Page 4 DC Electrical parameters-changed wording from "open" to "disabled" Changed 200mV to 0mV in notes Pages 4, 5, 7, 9 & 11 Industrial temp range offering removed from DC & AC Electrical Characteristics for 35 and 55ns CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: 831-754-4613 DualPortHelp@idt.com 06/15/99: 10/15/99: 10/21/99: 11/12/99: 01/12/01: 08/22/01: The IDT logo is a registered trademark of Integrated Device Technology, Inc. 14 6.42 |
Price & Availability of IDT71V321L25JI |